Part Number Hot Search : 
LR120 73U3687H 1N5243 02132 AO6403L 00R12K BCM4201 HFBR2537
Product Description
Full Text Search
 

To Download MBR20020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR20020CT(A) THRU MBR200100CT(A)
SCHOTTKY DIODES MODULE TYPE 200A
Features
High Surge Capability
Types Up to 100V V RRM
200Amp Rectifier 20-100 Volts TWIN TOWER
A R
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage
20V 30V 35V 40V 45V 60V 80V 100V
B
Maximum RMS Voltage
14V 21V 25V 28V 32V 42V 56V 70V
Maximum DC Blocking Voltage
20V 30V 35V 40V 45V 60V 80V 100V
Q
N G
W
1
U
2
F U C
MBR20020CT(R) MBR20030CT(R) MBR20035CT(R) MBR20040CT(R) MBR20045CT(R) MBR20060CT(R) MBR20080CT(R) MBR200100CT(R)
3
LUG Teminal Anode 1 LUG Teminal Anode 2
V
LUG LUG Teminal Teminal Cathode 1 Cathode 2
E
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
200A 1500A
0.65V 0.75V 0.84V
3 Baseplate Common Cathode
3
Baseplate R=Common Anode
TC =136
DIMENSIONS INCHES MIN MAX ----1/4 3.360 0.800 0.700 ----0.650 0.120 0.130 0.510 0.490 1.379 BSC --------- 20 1/4 0.275 0.290 3.150 BSC ----0.600 0.312 0.370 0.180 0.195 MM MIN MAX ----92.20 20.32 17.78 ----16.51 3.3 0 3. 05 12.95 12.45 35.02 BSC --------UN C FULL 7.3 7 6.9 9 80.01 BSC ----15.24 9.40 7.92 4.95 4.57
8.3ms , half sine
(MBR20020CT~MBR20045CT) (MBR20060CT) (MBR20080CT~MBR200100CT)
I FM =100A;
T j = 25
IR
5.0 m A TJ = 25 200 mA TJ =125 0.8 /W
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
DIM A B C E F G H N Q R U V W
NOTE
2 PL
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR20020CT(R) THRU MBR200100CT(R)
Figure .1- Typical Forward Characteristics
120
AvErage ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
1000 600
T =25 J
100
Per leg
I nStantaneous Forward Current - Amperes Per leg Amps
400 200 MBR20020CT~ MBR20040CT MBR20060CT MBR20080CT~ MBR200100CT
80
100 60 40 20 10 6.0 4.0 2.0 1.0
Amps
60
40
20
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
2000 1000 600 400
Figure .4-Typical Reverse Characteristics
Tj =150 C
Instantaneous Forward Voltage - Volts
Instantaneous Reverse Leakage Current - Mill Amperes
200 100 60 40 20
1500
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Tj =125 C
Peak Forward Surge Current -Amperes Amps Per leg
1000 750 500 250 0 1 2 4 6 8 10 20 Cycles Number Of Cycles At 60Hz - Cycles 40
m Amps
1250
10 6 4 2 1 .6 .4 .2
T =75 J
60 80 100
.1 .06 .04 .02 .01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60
T =25 J
70
80
90
100


▲Up To Search▲   

 
Price & Availability of MBR20020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X